| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3316 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3316 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 42 page ![]() Device modes AN3316 14/42 Doc ID 18232 Rev 2 Moreover, following table describes the possible system clock configurations for each mode: Following an example that describes how to manage module configuration ● Current mode: Drun with system clock = IRC (default) ● Target mode: RUN0 mode with system clock = XOSC Steps ● Configuration of RUNO mode – ME_RUN0_MC.OSCON = 1 – ME_RUN0_MC.SYSCLK = XOSC ● Transition request – ME_MCTL = DRUN + KEY – ME_MCTL = DRUN + INVERTED KEY ● Waiting for the transition complete through the ME_IS.I_MTC bit Figure 6. Mode transition example Table 2. Clock configuration(1) 1. : module configurable gray cell: module not configurable System Mode RESET TEST SAFE DRUN HALT STOP STBY IRC DEFAULT DEFAULT DEFAULT DEFAULT DEFAULT DEFAULT IRC_DIV XOSC XOSC_DIV PLL NO CLK DEFAULT DRUN RUN0 sysclk = IRC sysclk = XOSC |