Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3071 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3071
Description  140 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3071 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3071 Datasheet HTML 1Page - KR Electronics, Inc. 3071 Datasheet HTML 2Page - KR Electronics, Inc. 3071 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2012, KR Electronics, Inc.
3071, Rev 0, June 8, 2012
KR Electronics, Inc.
KR Electronics part number 3071 is a 140 MHz bandpass filter.
The filter has a minimum 1 dB bandwidth of 9 MHz and a typi-
cal 40 dB bandwidth of 40 MHz. Other center frequencies and
bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Bandpass Filter
 9 MHz minimum 1 dB Bandwidth
 40 MHz typical 40 dB Bandwidth
 50  Source and Load
 Surface mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3071

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
70Kb / 3P
Customer Specification
logo
3M Electronics
3071 3M-3071 Datasheet
29Kb / 2P
Scotch® Recycled Corrugate Tape
Oct-2012
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
logo
Heyco.
3071 HEYCO-3071 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Videk Ltd
3071 VIDEK-3071 Datasheet
77Kb / 1P
The 5 pin DIN cables are appropriate for AT style keyboards and the 9 D type cables for serial mice.
More results

Description similaire - 3071

FabricantNo de pièceFiches techniqueDescription
logo
Vanlong Technology Co.,...
BP62151 VANLONG-BP62151 Datasheet
47Kb / 1P
140 MHz Bandpass SAW Filter
logo
KR Electronics, Inc.
2771-SMA KR-2771-SMA Datasheet
77Kb / 3P
140 MHz Bandpass Filter
2980 KR-2980 Datasheet
48Kb / 3P
140 MHz Bandpass Filter
3042 KR-3042 Datasheet
53Kb / 3P
140 MHz Bandpass Filter
3059 KR-3059 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
3132 KR-3132 Datasheet
74Kb / 3P
140 MHz Bandpass Filter
3135-140-10 KR-3135-140-10 Datasheet
108Kb / 3P
140 MHz Bandpass Filter
3135-140-20 KR-3135-140-20 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
3135-140-30 KR-3135-140-30 Datasheet
107Kb / 3P
140 MHz Bandpass Filter
3135-140-40 KR-3135-140-40 Datasheet
103Kb / 3P
140 MHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com