| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4371 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4371 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 29 page ![]() DocID025337 Rev 1 25/29 AN4371 Appendix A 28 ADC1.STAW4R.B.THRH = ADC1_Self_Test_Flash_Calibration_Data[3]; // ADC1 Self-Test calibration - C algo S0 step) - High Treshold Value ADC1.STAW5R.B.THRL = ADC1_Self_Test_Flash_Calibration_Data[4]; // ADC1 Self-Test calibration - C algo Sn step) - Low Treshold Value ADC1.STAW5R.B.THRH = ADC1_Self_Test_Flash_Calibration_Data[5]; // ADC1 Self-Test calibration - C algo Sn step) - High Treshold Value for(step=0;step<17;step++) { ADC1.STCR3.B.MSTEP = step; // For one-shot mode, defines the current step for algorithms S ADC1.MCR.B.NSTART = 1; // Start ADC1 normal conversion by setting NSTART bit in the MCR if (ADC1.STSR1.B.STEP_C != 0) { ADC_Self_Test_Fail[step+60] = 1; // Check if No RC-algorithm [step] error has occurred } } } 3.6 Algorithm C example in CPU scan mode void ADC0_CAPACITIVE_SELF_TEST_ScanMod (void) { // Algorithm C ADC0.MCR.B.PWDN = 0; // Enable ADC0 /* 1 */ ADC0.MCR.B.CTUEN = 0; // CPU mode /* 2 */ ADC0.NCMR[0].B.CH0 = 1; // ADC_0 channel 0 is set. Program NCMR0 to select channels to be converted for normal conversion /* 3 */ ADC0.MCR.B.MODE = 1; // Program MCR[MODE] = 0 to select one shot mode /* 4 */ ADC0.STCR1.B.INPSAMP_C = 0xFF; // Program sampling phase duration for the test conversions /* 5 */ ADC0.STCR3.B.ALG = 0x2; // Select the Self Testing algorithm in STCR3.ALG. Default is Algorithm S /* 6 */ ADC0.STCR2.B.EN = 1; // ADC_0 Enable self testing channel by setting EN bit in the STCR2 register /* 7 */ ADC0.STAW4R.B.THRL = ADC0_Self_Test_Flash_Calibration_Data[2]; // ADC0 Self-Test calibration - C algo S0 step) - Low Treshold Value ADC0.STAW4R.B.THRH = ADC0_Self_Test_Flash_Calibration_Data[3]; // ADC0 Self-Test calibration - C algo S0 step) - High Treshold Value |