Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4371 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 9Page - STMicroelectronics AN4371 Datasheet HTML 10Page - STMicroelectronics AN4371 Datasheet HTML 11Page - STMicroelectronics AN4371 Datasheet HTML 12Page - STMicroelectronics AN4371 Datasheet HTML 13Page - STMicroelectronics AN4371 Datasheet HTML 14Page - STMicroelectronics AN4371 Datasheet HTML 15Page - STMicroelectronics AN4371 Datasheet HTML 16Page - STMicroelectronics AN4371 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID025337 Rev 1
13/29
AN4371
ADC built-in self-test algorithms
28
Figure 6. ADC self-test Algorithm S
2.2.1
Supply self-test in CPU mode
To properly execute supply self-test it is required to use ADC in scan mode. The scan mode
is requested for S algorithm, because S1 (ratio) result is based on S0 result. If these



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29