Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4369 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN4369 Datasheet HTML 1Page - STMicroelectronics AN4369 Datasheet HTML 2Page - STMicroelectronics AN4369 Datasheet HTML 3Page - STMicroelectronics AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN4369
Internal resistances
DocID025335 Rev 1
3/14
1
Internal resistances
Internally, the resistances are extremely well matched, meaning we can consider the ratios
of the actual values of R1, R2, and R3 over their respective targeted values to be identical.
Nevertheless, R1, R2, and R3 values vary from one TSC product to another due to process
variation and temperature.
The value of the resistance over temperature is defined by the following formula:
R(1 + TC*ΔT), where TC is the temperature coefficient and ΔT is T
amb – 25 ˚C.
If we take the temperature coefficient into account, we have:
As R3 and R1 are made of the same material, they have the same TC: G = R3/R1.
Therefore, the gain is related only to the ratio of R3 and R1. In other words, the gain is
independent of process variation and temperature. The final gain is well controlled and can
easily be trimmed during manufacturing.
R3
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14