Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4369 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics AN4369 Datasheet HTML 11Page - STMicroelectronics AN4369 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Gain error between two TSC products from
different batches
AN4369
8/14
DocID025335 Rev 1
Obviously, when the device is used over temperature, both the process variation and the
temperature coefficient should be taken into account. In this case, the total error on the
gain is shown in Figure 4.
Figure 4: Gain error by the implementation of external resistances, taking into account
temperature coefficient and process deviation (20 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14