Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4368 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN4368 Datasheet HTML 8Page - STMicroelectronics AN4368 Datasheet HTML 9Page - STMicroelectronics AN4368 Datasheet HTML 10Page - STMicroelectronics AN4368 Datasheet HTML 11Page - STMicroelectronics AN4368 Datasheet HTML 12Page - STMicroelectronics AN4368 Datasheet HTML 13Page - STMicroelectronics AN4368 Datasheet HTML 14Page - STMicroelectronics AN4368 Datasheet HTML 15Page - STMicroelectronics AN4368 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Conditioning the signal
AN4368
12/18
DocID025334 Rev 1
Figure 9 shows the output voltage of stage 1 where the AC signal has been amplified and
filtered for the first time. In this example, the Vout1 signal is an amplification by 53 of the
Vsensor signal around its average value. Two peaks can be discerned. However, at this
stage, it is not possible to say if these peaks represent real motion or not. The magnitude of
the signal is still not big enough for a microcontroller.
Figure 9: Output voltage of stage 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18