Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4368 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4368 Datasheet HTML 7Page - STMicroelectronics AN4368 Datasheet HTML 8Page - STMicroelectronics AN4368 Datasheet HTML 9Page - STMicroelectronics AN4368 Datasheet HTML 10Page - STMicroelectronics AN4368 Datasheet HTML 11Page - STMicroelectronics AN4368 Datasheet HTML 12Page - STMicroelectronics AN4368 Datasheet HTML 13Page - STMicroelectronics AN4368 Datasheet HTML 14Page - STMicroelectronics AN4368 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN4368
Conditioning the signal
DocID025334 Rev 1
11/18
6
Conditioning the signal
Figure 8 shows the output voltage of the first important signal generated by the PIR sensor.
Once the application is supplied, the signal is almost constant. The common mode voltage
is 1.1 V but, this voltage may vary from one sensor to another. Based on this figure, it is
clear that the sensor has not detected any motion. However, thanks to signal conditioning,
the signal can be amplified and peaks, representing motion, can be detected.
Figure 8: Output voltage of the PIR sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18