Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4300 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4300
Description  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 27Page - STMicroelectronics AN4300 Datasheet HTML 28Page - STMicroelectronics AN4300 Datasheet HTML 29Page - STMicroelectronics AN4300 Datasheet HTML 30Page - STMicroelectronics AN4300 Datasheet HTML 31Page - STMicroelectronics AN4300 Datasheet HTML 32Page - STMicroelectronics AN4300 Datasheet HTML 33Page - STMicroelectronics AN4300 Datasheet HTML 34Page - STMicroelectronics AN4300 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
DocID024675 Rev 2
31/40
AN4300
MCU initialization
39
Figure 25. init DMA_1 function part 3
4.5
ADC module
The dadc_init function initializes ADC module enabling the CTU trigger. It selects the ADC
channels used for the conversion. ADC_0 CH0 is used to convert the VBat and a End of
Conversion interrupt is set on this channel.
EMIOS1_CH2 is used as counter to read Vbat. When this counter elapses, the CTU_CH34
(connected to eMIOS1_CH2) will trigger the ADC_0 CH0 to convert the Vbat.
At the EoC an interrupt will be raised to adapt the Duty Cycle of the PWM signals to the
Vbat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40