Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4300 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN4300
Description  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 19Page - STMicroelectronics AN4300 Datasheet HTML 20Page - STMicroelectronics AN4300 Datasheet HTML 21Page - STMicroelectronics AN4300 Datasheet HTML 22Page - STMicroelectronics AN4300 Datasheet HTML 23Page - STMicroelectronics AN4300 Datasheet HTML 24Page - STMicroelectronics AN4300 Datasheet HTML 25Page - STMicroelectronics AN4300 Datasheet HTML 26Page - STMicroelectronics AN4300 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
DocID024675 Rev 2
23/40
AN4300
MCU initialization
39
Figure 14. eMIOS init function
Figure 15. eMIOS clock init function
For eMIOS_1, the bus clock is divided by one in the system clock prescaler, while for
eMIOS_0 the prescaler is set to 12.
EMIOS_0 Ch23 is configured in MC to drives the Bus A with a period of 1 msec, due to the
value of 1000 used as PWM_PERIOD.
eMIOS_0 CH1 is configured in SAOC mode, with an internal counter period of 300 usec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40