Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4218 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN4218
Description  Hardware design guideline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4218 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN4218 Datasheet HTML 17Page - STMicroelectronics AN4218 Datasheet HTML 18Page - STMicroelectronics AN4218 Datasheet HTML 19Page - STMicroelectronics AN4218 Datasheet HTML 20Page - STMicroelectronics AN4218 Datasheet HTML 21Page - STMicroelectronics AN4218 Datasheet HTML 22Page - STMicroelectronics AN4218 Datasheet HTML 23Page - STMicroelectronics AN4218 Datasheet HTML 24Page - STMicroelectronics AN4218 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID024014 Rev 2
21/26
AN4218
Application circuits
Figure 21. Backward current
With a current flowing through the ESD-diode, the voltage at pin VADC would be one VBE
(0.7 Vtyp) higher than VDD-HV, thus violating the absolute maximum rating of 0.3 Vmax.
3.2.2
Bad practices
An example of a badly designed VMEASURE measurement interface is shown in the
Figure 22.
The circuit does not contain a protection resistor RPROT and no low-pass-filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26