Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2886 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2886
Description  110 MHz Cutoff Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2886 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2886 Datasheet HTML 1Page - KR Electronics, Inc. 2886 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
5 ns/
REF 0 s
START
. 030
000
MHz
STOP
110 . 000
000
MHz
Cor
Smo
14 Jan 2009 11:34:28
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
1 000 . 000
000
MHz
Avg
16
14 Jan 2009 11:35:02
KR Electronics
KR 2886 is a 110 MHz lowpass filter. The filter has a minimum
1 dB bandwidth of 110 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 110 MHz Cutoff Frequency
 50  Source and Load
 SMA Connectors
 Also available in surface mount
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2886

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2886 POMONA-2886 Datasheet
24Kb / 1P
Breakout: BNC (Male) To Minigator Test Clips
logo
Adafruit Industries
2886 ADAFRUIT-2886 Datasheet
167Kb / 2P
Feather Header Kit - 12-pin and 16-pin Female Header Set
1/15/2016
logo
Multicomp Pro
2886 MULTICOMP-2886 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
Klein Tools, Inc.
2886032 KLEIN-2886032 Datasheet
144Kb / 1P
Wire cutting; Stripping
2886035 KLEIN-2886035 Datasheet
229Kb / 1P
Stand-Up Zip-up Bags
More results

Description similaire - 2886

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTC5094N3 CYSTEKEC-BTC5094N3 Datasheet
169Kb / 8P
High Cutoff Frequency NPN Epitaxial Planar Transistor
BTC5095S3 CYSTEKEC-BTC5095S3 Datasheet
176Kb / 8P
High Cutoff Frequency NPN Epitaxial Planar Transistor
BTC5096WC3 CYSTEKEC-BTC5096WC3 Datasheet
177Kb / 8P
High Cutoff Frequency NPN Epitaxial Planar Transistor
logo
KR Electronics, Inc.
2923 KR-2923 Datasheet
51Kb / 3P
110 MHz Cuttoff Frequency
2901 KR-2901 Datasheet
35Kb / 2P
110 MHz Center Frequency
2894 KR-2894 Datasheet
41Kb / 2P
50 MHz Cutoff Frequency
2297-7-BNC KR-2297-7-BNC Datasheet
48Kb / 2P
16 MHz Cutoff Frequency
2297-7-BNC-1 KR-2297-7-BNC-1 Datasheet
57Kb / 3P
16 MHz Cutoff Frequency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
110 MHz Cuttoff Frequency
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
Thermal Cutoff
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com