| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16675AP Fiches technique(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16675AP Fiches technique(HTML) 13 Page - NEC |
|
13 / 36 page ![]() 13 µµµµPD16675A 5. COMMAND 5.1 Basic Form Chip address register (CAR) Command register (CR) Address register (AR) + ++ X address (XAD) Data 1 (DT1) + Data 2 (DT2) + + • • 5.2 Chip Address Register (CAR) 00000 b2 b1 b0 Chip address 000: CS2 = 0, CS1 = 0, and CSo = 0 ICs accessible 001: CS2 = 0, CS1 = 0, and CSo = 1 ICs accessible 010: CS2 = 0, CS1 = 1, and CSo = 0 ICs accessible 011: CS2 = 0, CS1 = 1, and CSo = 1 ICs accessible 100: CS2 = 1, CS1 = 0, and CSo = 0 ICs accessible 101: CS2 = 1, CS1 = 0, and CSo = 1 ICs accessible 110: CS2 = 1, CS1 = 1, and CSo = 0 ICs accessible 111: CS2 = 1, CS1 = 1, and CSo = 1 ICs accessible MSB LSB The register is made valid in the following states. Interface CAE High level Low level Serial Valid Invalid 4-bit parallel Valid Invalid 8-bit parallel Valid (CAE: Used as the D6 bit) It is unnecessary to transmit the register that is invalid. |