| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16675AP Fiches technique(PDF) 11 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16675AP Fiches technique(HTML) 11 Page - NEC |
|
11 / 36 page ![]() 11 µµµµPD16675A 4.2 Pictographic Display The group addresses of pictograph display are assigned as follows. If address increment is set, when the X address goes to 0FH, the next address is 00H. At this time, the Y address changes to the next address. Also, when the Y address goes to 01H, the next address is 00H. 00H 01H 02H 03H 0EH 0FH 00H (PCOM1) Y addresses X addresses b7 b6 b5 b4 b3 b2 b1 b0 8 bits 01H (PCOM2) (1) PCOM1 (Y Address = 00H) X address Segment output No. b7 b6 b5 b4 b3 b2 b1 b0 00H 12345678 01H 9 10111213141516 02H 17 18 19 20 21 22 23 24 03H 25 26 27 28 29 30 31 32 04H 33 34 35 36 37 38 39 40 05H 41 42 43 44 45 46 47 48 06H 49 50 51 52 53 54 55 56 07H 57 58 59 60 61 62 63 64 08H 65 66 67 68 69 70 71 72 09H 73 74 75 76 77 78 79 80 0AH 8182838485868788 0BH 8990919293949596 0CH 97 98 99 100 101 102 103 104 0DH 105 106 107 108 109 110 111 112 0EH 113 114 115 116 117 118 119 120 0FH 121 122 123 124 125 126 127 128 (2) PCOM2 (Y Address = 01H) X address Segment output No. b7 b6 b5 b4 b3 b2 b1 b0 00H 12345678 01H 9 10111213141516 02H 17 18 19 20 21 22 23 24 03H 25 26 27 28 29 30 31 32 04H 33 34 35 36 37 38 39 40 05H 41 42 43 44 45 46 47 48 06H 49 50 51 52 53 54 55 56 07H 57 58 59 60 61 62 63 64 08H 65 66 67 68 69 70 71 72 09H 73 74 75 76 77 78 79 80 0AH 8182838485868788 0BH 8990919293949596 0CH 97 98 99 100 101 102 103 104 0DH 105 106 107 108 109 110 111 112 0EH 113 114 115 116 117 118 119 120 0FH 121 122 123 124 125 126 127 128 |