Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

880364 Fiches technique(PDF) 5 Page - TriQuint Semiconductor

No de pièce 880364
Description  1176 MHz GPS L5 BAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

880364 Fiches technique(HTML) 5 Page - TriQuint Semiconductor

  880364_15 Datasheet HTML 1Page - TriQuint Semiconductor 880364_15 Datasheet HTML 2Page - TriQuint Semiconductor 880364_15 Datasheet HTML 3Page - TriQuint Semiconductor 880364_15 Datasheet HTML 4Page - TriQuint Semiconductor 880364_15 Datasheet HTML 5Page - TriQuint Semiconductor 880364_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
880364
1176 MHz GPS L5 BAW Filter
Data Sheet: Rev A 12/2011
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Marking
TFR
logo
Date code
YYWW
880098
Part no.
The date code consists of: YY = last digit of year,
WW = 2 digit week
Tape and Reel Information
Tape and Reel available upon request
EIA-481
Tinning available per J-STD-001
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-40 to +85
oC
Storage Temperature
-55 to +100
oC
Maximum Input Power
+20 dBm
Operation of this device outside the parameter ranges given above may cause permanent damage.
880364



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com