Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

880364 Fiches technique(PDF) 4 Page - TriQuint Semiconductor

No de pièce 880364
Description  1176 MHz GPS L5 BAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

880364 Fiches technique(HTML) 4 Page - TriQuint Semiconductor

  880364_15 Datasheet HTML 1Page - TriQuint Semiconductor 880364_15 Datasheet HTML 2Page - TriQuint Semiconductor 880364_15 Datasheet HTML 3Page - TriQuint Semiconductor 880364_15 Datasheet HTML 4Page - TriQuint Semiconductor 880364_15 Datasheet HTML 5Page - TriQuint Semiconductor 880364_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
880364
1176 MHz GPS L5 BAW Filter
Data Sheet: Rev A 12/2011
- 4 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance (at room temperature)
1076.000
1126.000
1176.000
1226.000
1276.000
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
Frequency (MHz)
d
B
S21 Amplitude Response
1156.000
1166.000
1176.000
1186.000
1196.000
-10.0
-5.0
0.0
Frequency (MHz)
d
B
S21 Amplitude Response
1136.000
1156.000
1176.000
1196.000
1216.000
1.0
1.5
2.0
2.5
3.0
Frequency (MHz)
L
i
n
e
a
r
m
a
g
S11 VSWR
1161.000
1166.000
1171.000
1176.000
1181.000
1186.000
1191.000
0.0000
0.0200
0.0400
0.0600
Frequency (MHz)
µ
s
e
c
S21 Group Delay Response
S11 Smith Chart



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com