Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA Fiches technique(PDF) 2 Page - Torex Semiconductor

No de pièce SMA
Description  Packaging Information / Reference Pattern Layout Dimensions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SMA Fiches technique(HTML) 2 Page - Torex Semiconductor

  SMA Datasheet HTML 1Page - Torex Semiconductor SMA Datasheet HTML 2Page - Torex Semiconductor SMA Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
●SMA Reel
●Taping Specifications
16.2±1.0
2.5±0.5
Φ13.5±0.5
13.2±0.5
(1.4)
Taping Specifications
Unit: mm
1500pcs/reel
R Type :[Device orientation : Right]
Standard feed
direction of feed



Html Pages

1 2 3