Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16337 Fiches technique(PDF) 5 Page - NEC

No de pièce UPD16337
Description  64-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16337 Fiches technique(HTML) 5 Page - NEC

  UPD16337 Datasheet HTML 1Page - NEC UPD16337 Datasheet HTML 2Page - NEC UPD16337 Datasheet HTML 3Page - NEC UPD16337 Datasheet HTML 4Page - NEC UPD16337 Datasheet HTML 5Page - NEC UPD16337 Datasheet HTML 6Page - NEC UPD16337 Datasheet HTML 7Page - NEC UPD16337 Datasheet HTML 8Page - NEC UPD16337 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
µPD16337
5
TRUTH TABLE 1 (Shift Register Block)
Input
Output
Shift Register
R/L
CLK
A
B
H
↓
Input
OutputNote 1
Right shift execution
H
H or L
Output
Hold
L
↓
OutputNote 2
Input
Left shift execution
L
H or L
Output
Hold
Notes 1. The data of S57, S58, S59, S60 shifts to S61, S62, S63, S64 and is output from B1, B2, B3, B4 at the falling
edge of the clock, respectively.
2. The data of S5, S6, S7, S8 shifts to S1, S2, S3, S4 and is output from A1, A2, A3, A4 at the falling edge of
the clock, respectively.
TRUTH TABLE 2 (Latch Block)
LE
CLK
Output State of Latch Block (Ln)
H
↑
Latch Sn data and hold output data
↓
Hold latch data
L
×
Hold latch data
TRUTH TABLE 3 (Driver Block)
Ln
BLK
PC
Output State of Driver Block
×
H
H
H (All driver outputs: H)
×
H
L
L (All driver outputs: L)
×
L
H
Output latch data (Ln)
×
L
L
Output reversed latch data (Ln)
×: H or L, H: High level, L: Low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16