Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16337 Fiches technique(PDF) 3 Page - NEC

No de pièce UPD16337
Description  64-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16337 Fiches technique(HTML) 3 Page - NEC

  UPD16337 Datasheet HTML 1Page - NEC UPD16337 Datasheet HTML 2Page - NEC UPD16337 Datasheet HTML 3Page - NEC UPD16337 Datasheet HTML 4Page - NEC UPD16337 Datasheet HTML 5Page - NEC UPD16337 Datasheet HTML 6Page - NEC UPD16337 Datasheet HTML 7Page - NEC UPD16337 Datasheet HTML 8Page - NEC UPD16337 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPD16337
3
PIN CONFIGURATION (Top View)
100
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDD2
NC
VSS2
NC
O22
O21
O20
O19
O18
O17
O16
O15
O14
O13
O12
O11
O10
O9
O8
O7
O6
O5
O4
O3
O2
O1
NC
VDD2
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
NC
VDD2
NC
VSS2
NC
O43
O44
O45
O46
O47
O48
O49
O50
O51
O52
O53
O54
O55
O56
O57
O58
O59
O60
O61
O62
O63
O64
NC
VDD2
NC
31
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
100-pin plaxtic QFP
Cautions
1. Pin 40 is connected to the lead frame, and therefore must be left open.
2. Ensure that the VDD1, VDD2, VSS1 and VSS2 pins are all used, and that VSS1 and VSS2 are used
at the same potential.
3. To prevent latch up breakdown, the power should be turned on in the order VDD1, logic signal,
VDD2. It should be turned off in the opposite order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16