Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

855756 Fiches technique(PDF) 4 Page - TriQuint Semiconductor

No de pièce 855756
Description  170.6 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855756 Fiches technique(HTML) 4 Page - TriQuint Semiconductor

  855756_15 Datasheet HTML 1Page - TriQuint Semiconductor 855756_15 Datasheet HTML 2Page - TriQuint Semiconductor 855756_15 Datasheet HTML 3Page - TriQuint Semiconductor 855756_15 Datasheet HTML 4Page - TriQuint Semiconductor 855756_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Data Sheet
Part Number 855756
170.6 MHz SAW Filter
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
1,2,3,4
6,7,8,9
50
10
5
8nH
50
180nH
15nH
18nH
39pF
7pF
Marking
PCB Footprint
XXXXXX
Date code
ID dot
SAWTEK
855756
6.70
2.00
1.22
8.84
.69
The date code consists of: day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
A
A
Section A-A
0.3
2.3
16.0
7.1
Ø1.5
Ø1.5
12.0
4.0
2.0
24
11.5
1.75
Ø330
2.0
Ø13.0
Ø20.2
Ø102
2.7
24.8
ID dot
Direction of travel
Dimensions shown are nominal in millimeters
Packaging quantity: 2000 units/reel
Subject to change or obsolescence without notice
Rev -
03-Dec-2003
Page 4 of 5



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com