Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC2721 Fiches technique(PDF) 10 Page - NEC

No de pièce UPC2721
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC2721 Fiches technique(HTML) 10 Page - NEC

Back Button UPC2721 Datasheet HTML 4Page - NEC UPC2721 Datasheet HTML 5Page - NEC UPC2721 Datasheet HTML 6Page - NEC UPC2721 Datasheet HTML 7Page - NEC UPC2721 Datasheet HTML 8Page - NEC UPC2721 Datasheet HTML 9Page - NEC UPC2721 Datasheet HTML 10Page - NEC UPC2721 Datasheet HTML 11Page - NEC UPC2721 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet P11102EJ4V0DS00
10
µµµµPC2721, µµµµPC2722
8 PIN PLASTIC SSOP (175 mil) (UNIT: mm)
NOTE
Each lead centerline is located within 0.10 mm of its true position (T.P.) at maximum material condition.
85
1
4
M
detail of lead end
3.00 MAX
0.575 MAX.
0.65
0.10
1.8 MAX
0.1
± 0.1
4.94
± 0.2
1.5
± 0.1
0.5
± 0.2
0.87
± 0.2
0.15
3.2
± 0.1
3˚
+7˚
–3˚
0.15
+0.10
–0.05
0.3
+0.10
–0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12