Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC2721 Fiches technique(PDF) 9 Page - NEC

No de pièce UPC2721
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC2721 Fiches technique(HTML) 9 Page - NEC

Back Button UPC2721 Datasheet HTML 4Page - NEC UPC2721 Datasheet HTML 5Page - NEC UPC2721 Datasheet HTML 6Page - NEC UPC2721 Datasheet HTML 7Page - NEC UPC2721 Datasheet HTML 8Page - NEC UPC2721 Datasheet HTML 9Page - NEC UPC2721 Datasheet HTML 10Page - NEC UPC2721 Datasheet HTML 11Page - NEC UPC2721 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet P11102EJ4V0DS00
9
µµµµPC2721, µµµµPC2722
PACKAGE DIMENSIONS
8 PIN PLASTIC SOP (225 mil) (UNIT: mm)
NOTE
Each lead centerline is located within 0.12 mm of its true position (T.P.) at maximum material condition.
85
1
4
M
detail of lead end
5.2
± 0.2
1.49
0.85 MAX.
1.27
0.12
1.57
± 0.2
0.1
± 0.1
6.5
± 0.3
0.6
± 0.2
1.1
± 0.2
0.10
4.4
± 0.15
3˚
+7˚
–3˚
0.17
+0.08
–0.07
0.42
+0.08
–0.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12