| Moteur de recherche de fiches techniques de composants électroniques |
|
KSC151J Fiches technique(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KSC151J Fiches technique(HTML) 5 Page - ITT Industries |
|
5 / 5 page ![]() Dimensions are shown: mm (inch) Dimensions subject to change www.ittcannon.com B-24 B KSC Series Sealed Tact Switch for SMT TAPE & REEL FOR KSC4 FOR G TERMINATION B B 5,6 (.220) 6,7 ±0,1 (.264 ±.004) 12 ±0,1 (.472 ±.004) 2 ±0,05 (.079 ±.002) 4 ±0,1 (.157 ±.004) ø1,5+0,1/-0,0 (.059+.004/-.000) ø1,5+0,2/-0,0 (.059+.008/-.000) 0,4 ±0,03 (.016 ±.001) 2˚0' R 1,15 (.045) 2,05 (.081) 0,15 ±0,02 (.006 ±.001) 2 ±0,05 (.079 ±.002) FOR KSC4 FOR J TERMINATION B B 5,6 (.220) 6,7 ±0,1 (.264 ±.004) 12 ±0,1 (.472 ±.004) 2 ±0,05 (.079 ±.002) 4 ±0,1 (.157 ±.004) ø1,5+0,1/-0,0 (.059+.004/-.000) ø1,5+0,2/-0,0 (.059+.008/-.000) 0,4 ±0,03 (.016 ±.001) 2˚0' R 1,15 (.045) 2,05 (.081) 0,15 ±0,02 (.006 ±.001) 2 ±0,05 (.079 ±.002) B B A A 12,0 (.472) 6,4 (.252) 3,0 (.118) 4,0 (.157) ø1,5+0,1/-0,0 (.059+.004/-.000) ø2+0,1/-0,0 (.079+.004/-.000) 2 ±0,05 (.079 ±.002) 7,7+0,1/-0,0 (.303.004/-.000) 2,5 (.098) 1,7 (.067) 15˚ 0,4 ±0,03 (.016 ±.001) 4˚ 15˚ 0,1 2 ±0,05 (.079 ±.002) FOR KSC6 G & J TERMINATION Direction of feed Direction of feed Direction of feed First Angle Projection |