Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSC151J Fiches technique(PDF) 4 Page - ITT Industries

No de pièce KSC151J
Description  KSC Series Sealed Tact Switch for SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC151J Fiches technique(HTML) 4 Page - ITT Industries

  KSC151J Datasheet HTML 1Page - ITT Industries KSC151J Datasheet HTML 2Page - ITT Industries KSC151J Datasheet HTML 3Page - ITT Industries KSC151J Datasheet HTML 4Page - ITT Industries KSC151J Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-23
B
0,3
±0,05
(.012
±.002)
4,0+0,2/-0,0
(.157+.008/-.000)
8,0
(.315)
2
±0,05
(.079
±.002)
2
±0,05
(.079
±.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
0,25
±0,05
(.010
±.002)
3,15+0,2/-0,0
(.124+.008/-.000)
8,0
(.315)
2,0
±0,05
(.079
±.002)
2,0
±0,05
(.079
±.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
KSC Series
Sealed Tact Switch for SMT
TAPE & REEL
0,3
±0,05
(.012
±.002)
3,2+0,2/-0,0
(.126+.008/-.000)
8,0
(.315)
2,0
±0,05
(.079
±.002)
2,0
±0,05
(.079
±.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
FOR KSC1 J TERMINATION
0,25
±0,05
(.010
±.002)
3,95+0,2/-0,0
(.156+.008/-.000)
8,0
(.315)
2
±0,05
(.079
±.002)
2
±0,05
(.079
±.002)
ø1,5+0,2/-0,0
(.059+.008/-.000)
ø1,5+0,1/-0,0
(.059+.004/-.000)
6,6+0,2/-0,0
(.260+.008/-.000)
2˚0' max.
FOR KSC2 & KSC3 G TERMINATION
FOR KSC1 G TERMINATION
FOR KSC2 & KSC3 J TERMINATION
First Angle
Projection
Direction of feed
Direction of feed
Direction of feed
Direction of feed



Html Pages

1 2 3 4 5