Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8X930AX Fiches technique(PDF) 38 Page - Intel Corporation

No de pièce 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Fiches technique(HTML) 38 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 30Page - Intel Corporation 8X930AX Datasheet HTML 31Page - Intel Corporation 8X930AX Datasheet HTML 32Page - Intel Corporation 8X930AX Datasheet HTML 33Page - Intel Corporation 8X930AX Datasheet HTML 34Page - Intel Corporation 8X930AX Datasheet HTML 35Page - Intel Corporation 8X930AX Datasheet HTML 36Page - Intel Corporation 8X930AX Datasheet HTML 37Page - Intel Corporation 8X930AX Datasheet HTML 38Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
34
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
9.0
DEVICE ERRATA
The 8
x930Ax may contain design defects or errors
known as errata. Characterized errata that may
cause the 8
x930Ax’s behavior to deviate from
published specifications are documented in a speci-
fication update. Refer to the
8x930Ax (8x930AD,
8x930AE) Specification Update (Order Number
272940,
Revision
007
or
later).
Specification
updates can be obtained from your local Intel sales
office or from the World Wide Web (www.intel.com).
10.0 DATASHEET REVISION HISTORY
This datasheet is valid for A-2 through A-4 step
devices. Datasheets are changed as new device
information becomes available. Verify with your
local Intel sales office that you have the latest
version before finalizing a design or ordering
devices.
This (-003) revision of the 8
x930Ax datasheet
replaces earlier product information. The following
changes were made in this version:
1.
Added “Specification Supplement for
8x930Ax3 and 8x930Ax4” on page 31.
2.
The following AC Characteristics were
changed: T
AVLL
, TAVDV1, TAVRL, TAVWL1.
3.
I
CC characteristics updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38