Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8X930AX Fiches technique(PDF) 10 Page - Intel Corporation

No de pièce 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Fiches technique(HTML) 10 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 6Page - Intel Corporation 8X930AX Datasheet HTML 7Page - Intel Corporation 8X930AX Datasheet HTML 8Page - Intel Corporation 8X930AX Datasheet HTML 9Page - Intel Corporation 8X930AX Datasheet HTML 10Page - Intel Corporation 8X930AX Datasheet HTML 11Page - Intel Corporation 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
6
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
Table 4. 68-pin PLCC Signal Assignments Arranged by Functional Category
Address & Data
Input/Output
USB
Name
Pin
Name
Pin
Name
Pin
AD0/P0.0
17
P1.0/T2
28
PLLSEL0
44
AD1/P0.1
16
P1.1/T2EX
29
PLLSEL1
42
AD2/P0.2
15
P1.2/ECI
30
PLLSEL2
43
AD3/P0.3
14
P1.3/CEX0
31
SOF#
50
AD4/P0.4
13
P1.4/CEX1
32
ECAP
53
AD5/P0.5
12
P1.5/CEX2
33
D
M
0
54
AD6/P0.6
11
P1.6/CEX3/WAIT#
34
D
P
0
55
AD7/P0.7
10
P1.7/CEX4/A17/WCLK
35
A8/P2.0
9
P3.0/RXD
20
Processor Control
A9/P2.1
8
P3.1/TXD
21
Name
Pin
A10/P2.2
7
P3.4/T0
24
P3.2/INT0#
22
A11/P2.3
6
P3.5/T1
25
P3.3/INT1#
23
A12/P2.4
5
EA#
67
A13/P2.5
4
Bus Control & Status
RST
41
A14/P2.6
3
Name
Pin
XTAL1
38
A15/P2.7
2
P3.6/WR#
26
XTAL2
39
P3.7/RD#/A16
27
P3.7/RD#/A16
27
P1.7/CEX4/A17/WCLK
35
ALE
66
PSEN#
65
Power & Ground
Name
Pin
V
CC
36, 68
V
CCP
19, 51
AV
CC
40
EA#
67
V
SS
1, 37
V
SSP
18, 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38