Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960SA Fiches technique(PDF) 37 Page - Intel Corporation

No de pièce 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Fiches technique(HTML) 37 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 31Page - Intel Corporation 80960SA Datasheet HTML 32Page - Intel Corporation 80960SA Datasheet HTML 33Page - Intel Corporation 80960SA Datasheet HTML 34Page - Intel Corporation 80960SA Datasheet HTML 35Page - Intel Corporation 80960SA Datasheet HTML 36Page - Intel Corporation 80960SA Datasheet HTML 37Page - Intel Corporation 80960SA Datasheet HTML 38Page - Intel Corporation 80960SA Datasheet HTML 39Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
RESET
CLK2
CLK
VCC
AS, DT/R,
DEN,
LOCK (O)
HLDA
BLAST/FAIL
ALE, A31:16,
A15:4, A3:1,
D15:0,
BE1:0, W/R
INT0, INT1,
INT3,
LOCK (I)
VCC and CLK2 stable to RESET high, minimum 41 CLK2 periods
Initialization parameters
set up to first A edge,
minimum 4 CLK2 periods
First
Bus
Activity
Internal self-test,
approximately 94,000 CLK2
periods (if selected)
A B C D
Ta
A B C D A B C D A B C D A B C D A B C D
48,000
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39