Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960SA Fiches technique(PDF) 26 Page - Intel Corporation

No de pièce 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Fiches technique(HTML) 26 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 22Page - Intel Corporation 80960SA Datasheet HTML 23Page - Intel Corporation 80960SA Datasheet HTML 24Page - Intel Corporation 80960SA Datasheet HTML 25Page - Intel Corporation 80960SA Datasheet HTML 26Page - Intel Corporation 80960SA Datasheet HTML 27Page - Intel Corporation 80960SA Datasheet HTML 28Page - Intel Corporation 80960SA Datasheet HTML 29Page - Intel Corporation 80960SA Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
22
80960SA
.
Figure 16. 84-Lead Plastic Leaded Chip Carrier (PLCC) Package
VSS
AD7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
A16
A17
A18
A19
A20
VSS
BLAST
HOLD
RESET
CLK2
INT3/INTA
INT2/INTR
INT1
INT0
VCC
VSS
VSS
VCC
VCC
NC
VSS
VSS
NC
VSS
VCC
VCC
VCC
HLDA
W/R
DT/R
LOCK
DEN
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
84 83 82 81 80 79 78 77 76 75
74
73
72
71
70
69
68
67
22
23
24
25
26
27
28
29
30
31
32
33
N80960SA-20
XXXXXXXX
XXXXXX
XXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39