Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960HT Fiches technique(PDF) 57 Page - Intel Corporation

No de pièce 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Fiches technique(HTML) 57 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 53Page - Intel Corporation 80960HT Datasheet HTML 54Page - Intel Corporation 80960HT Datasheet HTML 55Page - Intel Corporation 80960HT Datasheet HTML 56Page - Intel Corporation 80960HT Datasheet HTML 57Page - Intel Corporation 80960HT Datasheet HTML 58Page - Intel Corporation 80960HT Datasheet HTML 59Page - Intel Corporation 80960HT Datasheet HTML 60Page - Intel Corporation 80960HT Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
51
Figure 34. Non-Burst, Non-Pipelined Write Request with Wait States
ADS
A31:2,
W/R
BLAST
DT/R
DEN
WAIT
D31:0,
CLKIN
A3
2
1
D
1
Out
A
Valid
Valid
BE3:0
DP3:0
PCHK
Burst
Bus
Width
Odd
Parity
NXDA
NWDD
NWAD
NRDD
29
28
21
24
23-22
20
12-8
19-16
15-14
7-6
4-0
Disabled
0
OFF
0
1
0001
X
xx
X
x
Enabled
1
X
xxxxx
3
00011
X
xx
Disabled
0
X
xxxxx
Function
Bit
Value
External
Ready
Control
Pipe-
Lining
Parity
Enable
NRAD
NOTE: Bits 31-30, 27-25, 13, and 5 are reserved.
PMCON
D/C,SUP,
LOCK,CT3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More