Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960HT Fiches technique(PDF) 18 Page - Intel Corporation

No de pièce 80960HT
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960HT Fiches technique(HTML) 18 Page - Intel Corporation

Back Button 80960HT Datasheet HTML 14Page - Intel Corporation 80960HT Datasheet HTML 15Page - Intel Corporation 80960HT Datasheet HTML 16Page - Intel Corporation 80960HT Datasheet HTML 17Page - Intel Corporation 80960HT Datasheet HTML 18Page - Intel Corporation 80960HT Datasheet HTML 19Page - Intel Corporation 80960HT Datasheet HTML 20Page - Intel Corporation 80960HT Datasheet HTML 21Page - Intel Corporation 80960HT Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
80960HA/HD/HT
12
Advance Information Datasheet
3.2
80960Hx Mechanical Data
3.2.1
80960Hx PGA Pinout
Figure 2 depicts the complete 80960Hx PGA pinout as viewed from the top side of the component
(i.e., pins facing down). Figure 3 shows the complete 80960Hx PGA pinout as viewed from the
pin-side of the package (i.e., pins facing up). Table 9 lists the 80960Hx pin names with package
location. See Section 4.3, “Recommended Connections” on page 30 for specifications and
recommended connections.
Figure 2. 80960Hx 168-Pin PGA Pinout — View from Top (Pins Facing Down)
D5
D7
D8
D9
D11
D12
D13
D15
D16
D17
D19
D21
D24
D25
D2
D4
D6
VCC
D10
VCC
VCC
D14
VCC
D18
D20
D23
D27
D29
NC
D0
VCC
VSS
VSS
VSS
VSS
VSS
VSS
VCC
D22
D31
READY
D26
D28
BTERM
HOLDA
D30
HOLD
BE3
VCC
ADS
BE2
VSS
VCC
BE1
VSS
VCC
BLAST
VSS
BE0
DEN
VSS
VCC
W/R
VSS
VCC
DT/R
A29
LOCK
SUP
WAIT BSTALL
A28
A30
BREQ
D/C
D3
D1
ONCE
VSS
VCC5
VCC
VSS
VSS
VSS
VSS
VSS
CLKIN
VCC
VSS
BOFF
STEST
DP1
DP3
TCK
TMS
VCC
PCHK
VCC
VCCPLL
VCC
NC
NC
VCC
VSS
FAIL
DP0
DP2
VOLDET
TRST
TDI
TDO
NC
NC
CTO
CT2
CT3
CT1
VSS
A2
VCC
A22
A25
A20
VSS
A3
A5
NMI
VCC
VSS
VSS
VSS
VSS
VSS
A24
A31
A26
A4
VCC
A6
A8
A9
A10
A11
A12
A14
A15
A17
A18
VCC
VCC
VCC
A13
VCC
A16
A19
A21
A23
A27
A7
XINT6
XINT7
XINT4
XINT3
XINT5
XINT0
RESET
XINT2
XINT1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
i
© 19xx
A80960Hx
XXXXXXXX SS
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More