Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960HA Fiches technique(PDF) 89 Page - Intel Corporation

No de pièce 80960HA
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA Fiches technique(HTML) 89 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 85Page - Intel Corporation 80960HA Datasheet HTML 86Page - Intel Corporation 80960HA Datasheet HTML 87Page - Intel Corporation 80960HA Datasheet HTML 88Page - Intel Corporation 80960HA Datasheet HTML 89Page - Intel Corporation 80960HA Datasheet HTML 90Page - Intel Corporation 80960HA Datasheet HTML 91Page - Intel Corporation 80960HA Datasheet HTML 92Page - Intel Corporation 80960HA Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
83
“D
: (E03, C02, D02, C01, E02, D01, F02, E01, F01,”&
“
G01, H02, H01, J01, K01, L02, L01, M01, N01,”&
“
N02, P01, P02, Q01, P03, Q02, R01, S01, Q03,”&
“
R02, Q04, S02, Q05, R03),”&
“DENBAR
: S09,”&
“DP
: (A03, B03, A04, B04),”&
“DTRBAR
: S11,”&
“DCBAR
: S13,”&
“FAILBAR
: A02,”&
“HOLD
: R05,”&
“HOLDA
: S04,”&
“LOCKBAR
: S14,”&
“NMIBAR
: D15,”&
“ONCEBAR
: C03,”&
“PCHKBAR
: B08,”&
“READYBAR
: S03,”&
“RESETBAR
: A16,”&
“STEST
: B02,”&
“SUPBAR
: Q12,”&
“TCK
: B05,”&
“TDI
: A07,”&
“TDO
: A08,”&
“TMS
: B06,”&
“TRST
: A06,”&
“WAITBAR
: S12,”&
“WRBAR
: S10,”&
“ XINTBAR
: (B15, A15, A17, B16, C15, B17, C16, C17),”&
“FIVEVREF
: C05,”&
“VOLTDET
: A05,”&
“VCCPLL
: B10,”&
“ VCC1
: (M02, K02, J02, G02, N03, F03, C06, B07, B09, B11,”&
“
B12, C14, E15, F16, H16, J16, K16, M16, N15, Q06,”&
“
R07, R08, R10, R11),”&
“ VSS1
: (G03, H03, J03, K03, L03, M03, C07, C08, C09, C10,”&
“
C11, C12, Q07, Q08, Q09, Q10, Q11, F15, G15, H15,”&
“
J15, K15, L15, M15, A01, C04),”&
“NC
: (A09, A10, B13, B14, D03)”;
Example 1. Boundary-Scan Description Language (BSDL) for PGA Package Example (Sheet 4 of 8)