Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960HA Fiches technique(PDF) 86 Page - Intel Corporation

No de pièce 80960HA
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960HA Fiches technique(HTML) 86 Page - Intel Corporation

Back Button 80960HA Datasheet HTML 82Page - Intel Corporation 80960HA Datasheet HTML 83Page - Intel Corporation 80960HA Datasheet HTML 84Page - Intel Corporation 80960HA Datasheet HTML 85Page - Intel Corporation 80960HA Datasheet HTML 86Page - Intel Corporation 80960HA Datasheet HTML 87Page - Intel Corporation 80960HA Datasheet HTML 88Page - Intel Corporation 80960HA Datasheet HTML 89Page - Intel Corporation 80960HA Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
80960HA/HD/HT
80
Advance Information Datasheet
5.2
Boundary Scan Description Language Example
Boundary-Scan Description Language (BSDL) example 14-2 meets the de facto standard means of
describing essential features of ANSI/IEEE 1149.1-1993 compliant devices.
Example 1. Boundary-Scan Description Language (BSDL) for PGA Package Example (Sheet 1 of 8)
-- Copyright Intel Corp. 1995
- - ***************************************************************************
- - Intel Corporation makes no warranty for the use of its products and assumes no
responsibility for any errors which may appear in this document nor does it make
a commitment to update the information contained herein.
- - ***************************************************************************
- - Boundary-Scan Description Language (BSDL Version 0.0) is a de-facto standard
means of describing essential features of ANSI/IEEE 1149.1-1990 compliant
devices. This language is under consideration by the IEEE for formal inclusion
within a supplement to the 1149.1-1990 standard. The generation of the supplement
entails an extensive IEEE review and a formal acceptance balloting procedure
which may change the resultant form of the language. Be aware that this process
may extend well into 1993, and at this time the IEEE does not endorse or hold an
opinion on the language.
- - ***************************************************************************
--
-- i960(R) Processor BSDL Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More