Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

376 Fiches technique(PDF) 7 Page - Intel Corporation

No de pièce 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

376 Fiches technique(HTML) 7 Page - Intel Corporation

Back Button 376 Datasheet HTML 3Page - Intel Corporation 376 Datasheet HTML 4Page - Intel Corporation 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation 376 Datasheet HTML 10Page - Intel Corporation 376 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
376 EMBEDDED PROCESSOR
21 Register Set
The 80376 has twenty-nine registers as shown in Figure 21 These registers are grouped into the following six
categories
240182 – 47
240182 – 5
Figure 21 80376 Base Architecture Registers
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95