Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

376 Fiches technique(PDF) 53 Page - Intel Corporation

No de pièce 376
Description  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

376 Fiches technique(HTML) 53 Page - Intel Corporation

Back Button 376 Datasheet HTML 49Page - Intel Corporation 376 Datasheet HTML 50Page - Intel Corporation 376 Datasheet HTML 51Page - Intel Corporation 376 Datasheet HTML 52Page - Intel Corporation 376 Datasheet HTML 53Page - Intel Corporation 376 Datasheet HTML 54Page - Intel Corporation 376 Datasheet HTML 55Page - Intel Corporation 376 Datasheet HTML 56Page - Intel Corporation 376 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
376 EMBEDDED PROCESSOR
240182 – 30
Figure 415 Example Shutdown Indication Cycle from Non-Pipelined Cycle
Th may be entered from a bus idle state as in Figure
416 or after the acknowledgement of the current
physical bus cycle if the LOCK signal is not asserted
as in Figures 417 and 418
Th is exited in response to the HOLD input being
negated The following state will be Ti as in Figure
416 if no bus request is pending The following bus
state will be T1 if a bus request is internally pending
as in Figures 417 and 418 Th is exited in response
to RESET being asserted
If a rising edge occurs on the edge-triggered NMI
input while in Th the event is remembered as a non-
maskable interrupt 2 and is serviced when Th is exit-
ed unless the 80376 is reset before Th is exited
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95