Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9131-01CS16 Fiches technique(PDF) 8 Page - Integrated Circuit Systems

No de pièce ICS9131-01CS16
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9131-01CS16 Fiches technique(HTML) 8 Page - Integrated Circuit Systems

  ICS9131-01CS16 Datasheet HTML 1Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 2Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 3Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 4Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 5Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 6Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 7Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
ICS9131
Ordering Information
ICS9131-01CN16 or ICS9131-01CS16
Example:
ICS XXXX M X#W
16-Pin SOIC Package
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
Package Type
N=DIP (Plastic)
S=SOIC
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device
16-Pin DIP Package



Html Pages

1 2 3 4 5 6 7 8