Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9131-01CS16 Fiches technique(PDF) 7 Page - Integrated Circuit Systems

No de pièce ICS9131-01CS16
Description  32 KhZ Motherboard Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9131-01CS16 Fiches technique(HTML) 7 Page - Integrated Circuit Systems

  ICS9131-01CS16 Datasheet HTML 1Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 2Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 3Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 4Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 5Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 6Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 7Page - Integrated Circuit Systems ICS9131-01CS16 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICS9131
Stop Clock Feature
The ICS9131 incorporates a unique stop clock feature
compat-ible with static logic processors. When the stop
clock pin goes low, the CPUCLK will go low after the next
occuring falling edge. When STOPCLK again goes high,
CPUCLK resumes on the next rising edge of the internal
clock. This feature enables fast, glitch-free starts and stops
of the CPUCLK and is useful in Energy Star motherboard
applications.
32 kHz Supply Current
ADVANCE INFORMATION documents contain information on new products in the
sampling or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8