Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9120-46 Fiches technique(PDF) 1 Page - Integrated Circuit Systems

No de pièce ICS9120-46
Description  Modem and Audio Clock Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-46 Fiches technique(HTML) 1 Page - Integrated Circuit Systems

  ICS9120-46 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-46 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-46 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-46 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-46 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9120-46
Modem and Audio Clock Generator
9120-46 Rev B 052497P
Block Diagram
The ICS9120-46 is a high performance frequency generator
designed to support the clock requirements of communication
and audio interfaces. It offers the clock frequencies required
by 28.8 baud modem plus sound system. These frequencies
are synthesized from 14.7456 MHz reference oscillator whose
buffered output is available for the reference.
High accuracy, low-jitter PLLs meet the -96dB signal-to-
noise ratios required by 16-bit audio systems. Fast output
clock edge rates minimize board induced jitter.
The on-chip XTAL oscillator accuracy is better than ±100ppm
for an AT cut, 18pF load crystal with initial accuracy of ppm
plus TC, aging and load variation of ±20ppm each assuming
33pF ±5% external load capacitors.
Generates 49.92 MHz, 40.32 MHz and 14.7456 MHz
Single 14.7456 MHz crystal reference
49.92 MHz accuracy tracks 40.32 MHz reference
80ps one sigma jitter maintains 16-bit performance
Output rise/fall times less than 1.5ns
On-chip loop filter components
3.0-5.5V supply range
8-pin, 150-mil SOIC package
Applications
Specifically designed to support the high performance
requirements of communication and audio interfaces.
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Numéro de pièce similaire - ICS9120-46

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
Low-Cost 8-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
Modem and Audio Clock Generator
Rev B 071696
ICS9120-48 ICST-ICS9120-48 Datasheet
189Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A110196
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
More results

Description similaire - ICS9120-46

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
Modem and Audio Clock Generator
Rev B 071696
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
Audio Subsystem Clock Generator
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
Multi Clock Generator for Audio
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
Audio Clock Generator
logo
Gennum Corporation
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
Integrated audio clock generator
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com