Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C32-R Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce M24C32-R
Description  32-Kbit serial IC bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-R Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button M24C32-R Datasheet HTML 34Page - STMicroelectronics M24C32-R Datasheet HTML 35Page - STMicroelectronics M24C32-R Datasheet HTML 36Page - STMicroelectronics M24C32-R Datasheet HTML 37Page - STMicroelectronics M24C32-R Datasheet HTML 38Page - STMicroelectronics M24C32-R Datasheet HTML 39Page - STMicroelectronics M24C32-R Datasheet HTML 40Page - STMicroelectronics M24C32-R Datasheet HTML 41Page - STMicroelectronics M24C32-R Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DocID4578 Rev 24
41/42
M24C32-W M24C32-R M24C32-F M24C32-X M24C32-DF
Revision history
41
19-May-2014
22
Add new package UFDFPN5, description onFigure 15 and Table 20.
Updated:
– Figure 5: Block diagram
–VESD value on Table 5
– Icc1 values on Table 14
– Icc and Icc0 test conditions on Table 16
–VIH(max) values on Table 14, Table 15
– Icc, Icc0 ,Icc1, VIL, VOL and VIH test conditions onTable 16
– Note on Table 12, Table 13, Table 14, Table 16, Table 17 and Table 19
– Table 25
– Section numbering for Section 5.2.4 and Section 5.2.5.
28-Jul-2014
23
Updated Table 8.
02-Sept-2014
24
Updated
– Section 5.1.5.
– Note 1 on Table 12
– Section 9, added reference to unsawn wafer availability.
– note 3 on Table 25.
Added:
– Note 1 on Table 8
– Note 2 on Table 13
– Note 2 on Figure 19
– Table 26.
Removed notes 1 and 2 on Section 5.1.5
Table 27. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42