Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH7013XP-E Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 16Page - STMicroelectronics VNH7013XP-E Datasheet HTML 17Page - STMicroelectronics VNH7013XP-E Datasheet HTML 18Page - STMicroelectronics VNH7013XP-E Datasheet HTML 19Page - STMicroelectronics VNH7013XP-E Datasheet HTML 20Page - STMicroelectronics VNH7013XP-E Datasheet HTML 21Page - STMicroelectronics VNH7013XP-E Datasheet HTML 22Page - STMicroelectronics VNH7013XP-E Datasheet HTML 23Page - STMicroelectronics VNH7013XP-E Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
VNH7013XP-E
Package and packing information
Doc ID 022370 Rev 3
21/24
Table 16.
PowerSSO-36 TP mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.15
2.47
A2
2.15
2.40
a1
0
0.1
b
0.18
0.36
c
0.23
0.32
D
10.10
10.50
E7.4
7.6
e0.5
e3
8.5
F2.3
G
0.1
H
10.1
10.5
h
0.4
k
0 deg
8 deg
L0.6
1
M4.3
N10 deg
O1.2
Q0.8
S2.9
T3.65
U1.0
X1
1.85
2.35
Y1
3
3.5
X2
1.85
2.35
Y2
3
3.5
X3
4.7
5.2
Y3
3
3.5
Z1
0.4
Z2
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24