Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH7013XP-E Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce VNH7013XP-E
Description  Automotive integrated H-bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7013XP-E Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button VNH7013XP-E Datasheet HTML 16Page - STMicroelectronics VNH7013XP-E Datasheet HTML 17Page - STMicroelectronics VNH7013XP-E Datasheet HTML 18Page - STMicroelectronics VNH7013XP-E Datasheet HTML 19Page - STMicroelectronics VNH7013XP-E Datasheet HTML 20Page - STMicroelectronics VNH7013XP-E Datasheet HTML 21Page - STMicroelectronics VNH7013XP-E Datasheet HTML 22Page - STMicroelectronics VNH7013XP-E Datasheet HTML 23Page - STMicroelectronics VNH7013XP-E Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package and packing information
VNH7013XP-E
20/24
Doc ID 022370 Rev 3
4
Package and packing information
4.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.2
PowerSSO-36 TP package information
Figure 18.
PowerSSO-36 TP package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24