Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD2540 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Fiches technique(HTML) 4 Page - STMicroelectronics

  STOD2540 Datasheet HTML 1Page - STMicroelectronics STOD2540 Datasheet HTML 2Page - STMicroelectronics STOD2540 Datasheet HTML 3Page - STMicroelectronics STOD2540 Datasheet HTML 4Page - STMicroelectronics STOD2540 Datasheet HTML 5Page - STMicroelectronics STOD2540 Datasheet HTML 6Page - STMicroelectronics STOD2540 Datasheet HTML 7Page - STMicroelectronics STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
STOD2540
4/20
Doc ID 12204 Rev 10
2
Pin configuration
Figure 2.
Pin connections (top through view)
Table 2.
Pin description
Pin n°
Symbol
Note
1VI
Supply voltage
2RSET
Peak inductor current adjust
3
AGND
Analog ground
4
FB
Feedback for the LED current regulation
5VO
Output voltage for LED supply
6VCAP
Load disconnect switch input
7
EN
IC enable signal
8VSW
Boost switch drain
PGND
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20