Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOD2540 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 12Page - STMicroelectronics STOD2540 Datasheet HTML 13Page - STMicroelectronics STOD2540 Datasheet HTML 14Page - STMicroelectronics STOD2540 Datasheet HTML 15Page - STMicroelectronics STOD2540 Datasheet HTML 16Page - STMicroelectronics STOD2540 Datasheet HTML 17Page - STMicroelectronics STOD2540 Datasheet HTML 18Page - STMicroelectronics STOD2540 Datasheet HTML 19Page - STMicroelectronics STOD2540 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
STOD2540
Package mechanical data
Doc ID 12204 Rev 10
17/20
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A180
7.087
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & reel QFNxx/DFNxx (3x3) mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20