| Moteur de recherche de fiches techniques de composants électroniques |
|
STOD02 Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STOD02 Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 23 page ![]() S-wire protocol STOD02 10/23 Doc ID 15245 Rev 3 6 S-wire protocol Figure 4. S-wire protocol . . . . Table 7. Time Rating Symbol Min. Typ. Max. Unit Enable high delay time Ten_dly 300 µs Soft-start delay Tss1 2 ms Turn-off delay Toff_dly1 50 µs VO turn-off delay Tvo_off_dly1 12 ms S-Wire initial time Tih 300 400 µs Soft-start time by S-wire enable Tss2 2 3 ms S-Wire High Tsh 2 20 45 µs S-Wire Low Tsl 2 20 75 µs S-Wire signal stop indicate time Tstop 300 400 µs VO turn-off delay by S-Wire Tvo_off_dly2 12 related to load ms Twait after data Twait 0 10 µs S-Wire turn-off detection time Toff_dly2 300 400 µs |