| Moteur de recherche de fiches techniques de composants électroniques |
|
STOD02 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STOD02 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 23 page ![]() Application STOD02 6/23 Doc ID 15245 Rev 3 4 Application Figure 3. Typical application circuit A A Table 5. Typical external components Symbol Parameter Min. Typ. Max. Unit L1 Inductor 4.7 µH L2 Inductor 4.7 µH CIN Ceramic capacitor SMD 4.7 µF C01, C02 Ceramic capacitor SMD 4.7 µF Cref Ceramic capacitor SMD 1 µF |