| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1892 Fiches technique(PDF) 136 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1892 Fiches technique(HTML) 136 Page - Integrated Circuit Systems |
|
136 / 148 page ![]() ICS1892, Rev. D, 2/26/01 February 26, 2001 136 Chapter 10 DC and AC Operating Conditions ICS1892 Data Sheet © 2000-2001, Integrated Circuit Systems, Inc. All rights reserved. 10.5.13 MII: Carrier Assertion/De-Assertion (Half-Duplex Transmission) Table 10-20 lists the significant time periods for the MII carrier assertion/de-assertion during half-duplex transmission. The time periods consist of timings of signals on the following pins: TXEN, TXCLK, and CRS. Figure 10-13 shows the timing diagram for the time periods. Figure 10-13. MII Carrier Assertion/De-Assertion Timing Diagram (Half-Duplex Transmission Only) Table 10-20. MII Carrier Assertion/De-Assertion (Half-Duplex Transmission Only) Time Period Parameter Conditions Min. Typ. Max. Units t1 TXEN Sampled Asserted to CRS Assert – – < 1 1 Bit times t2 TXEN Sampled De-Asserted to CRS De-Asserted – – < 1 1 t3 TXEN De-Asserted to CRS De-Asserted – – – 4 t3 t2 t1 TXEN TXCLK CRS |