Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1887 Fiches technique(PDF) 9 Page - Integrated Circuit Systems

No de pièce ICS1887
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1887 Fiches technique(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1887 Datasheet HTML 5Page - Integrated Circuit Systems ICS1887 Datasheet HTML 6Page - Integrated Circuit Systems ICS1887 Datasheet HTML 7Page - Integrated Circuit Systems ICS1887 Datasheet HTML 8Page - Integrated Circuit Systems ICS1887 Datasheet HTML 9Page - Integrated Circuit Systems ICS1887 Datasheet HTML 10Page - Integrated Circuit Systems ICS1887 Datasheet HTML 11Page - Integrated Circuit Systems ICS1887 Datasheet HTML 12Page - Integrated Circuit Systems ICS1887 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ICS1887
AC Characteristics
Clocks – Reference In (REF_IN) to Transmit Clock (TCLK)
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t1
REF_IN Duty Cycle
45
50
55
%
t2
REF_IN Period
—
40
—
ns
t3
REF_IN rise to TCLK rise
0
1.5
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14