Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS1887 Fiches technique(PDF) 12 Page - Integrated Circuit Systems

No de pièce ICS1887
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1887 Fiches technique(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS1887 Datasheet HTML 6Page - Integrated Circuit Systems ICS1887 Datasheet HTML 7Page - Integrated Circuit Systems ICS1887 Datasheet HTML 8Page - Integrated Circuit Systems ICS1887 Datasheet HTML 9Page - Integrated Circuit Systems ICS1887 Datasheet HTML 10Page - Integrated Circuit Systems ICS1887 Datasheet HTML 11Page - Integrated Circuit Systems ICS1887 Datasheet HTML 12Page - Integrated Circuit Systems ICS1887 Datasheet HTML 13Page - Integrated Circuit Systems ICS1887 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ICS1887
Transmit Latency
Receive Latency
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t1
TD[4:0] sampled to TX+ Output of 1st bit
—
—
5
bits
T#
PARAMETER (conditions)
MIN
TYP
MAX
UNITS
t1
MSbit into RX+ to MSb on RD[4:0]
—
—
8
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14