| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1531 Fiches technique(PDF) 10 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1531 Fiches technique(HTML) 10 Page - Integrated Circuit Systems |
|
10 / 76 page ![]() ICS1531 Rev N 12/1/99 December, 1999 10 Chapter 3 Pin Diagram and Listings ICS1531 Data Sheet - Preliminary Copyright © 1999, Integrated Circuit Systems, Inc. All rights reserved. 3.2 Pin Listings Note: 1. The TRESET pin (pin 2) was formerly a Reserved pin. 2. The following pins, formerly ‘Reserved’, are now NC (No Connect): 4, 11, 18, 97–98, 117–133, 136 3. The (active-low) STATUS pin (pin 111) was formerly called ‘LOCK’ 3.2.1 Pin Listing by Pin Number Table 3-1. ICS1531 Pins, by Pin Number Pin No. Pin Name Pin No. Pin Name Pin No. Pin Name Pin No. Pin Name 1 VSS 37 VDDQADC 73 VDDQADC 109 VDDQ 2 TRESET 38 BB1 74 GA1 110 VSSQ 3 VSS 39 BB0 75 GA0 111 STATUS 4 NC 40 BA7 76 RB7 112 REF 5 VSS 41 BA6 77 RB6 113 OSCOUT 6 HSYNC 42 BA5 78 RB5 114 CLK 7 VSSSUB 43 BA4 79 RB4 115 Reserved 8 PSEL1 44 VSSQADC 80 VSSQADC 116 VSSSUB 9 PSEL2 45 VDDQADC 81 VDDQADC 117 NC 10 PSEL3 46 BA3 82 RB3 118 NC 11 NC 47 BA2 83 RB2 119 NC 12 VSS(TEST) 48 BA1 84 RB1 120 NC 13 VSSSUB 49 BA0 85 RB0 121 NC 14 Reserved 50 GB7 86 RA7 122 NC 15 ARED 51 GB6 87 RA6 123 NC 16 VRTR 52 VSSDADC 88 VSSQADC 124 NC 17 VRB 53 VDDDADC 89 VDDQADC 125 NC 18 NC 54 ADCRCLK 90 RA5 126 NC 19 AGRN 55 ADCSYNC 91 RA4 127 NC 20 VRTG 56 VSSQADC 92 RA3 128 NC 21 Reserved 57 VDDQADC 93 RA2 129 NC 22 ABLUE 58 GB5 94 RA1 130 NC 23 VRTB 59 GB4 95 RA0 131 NC 24 VDDAADC 60 GB3 96 VSSAADC 132 NC 25 VSSAADC 61 GB2 97 NC 133 NC 26 VSSAADC 62 GB1 98 NC 134 VDDA 27 VDDAADC 63 GB0 99 VSSMCLK 135 VSSA 28 CLAMP 64 VSSQADC 100 VDDMCLK 136 NC 29 VDDQADC 65 VDDQADC 101 MCLK 137 SCL 30 BB7 66 GA7 102 VSSPCLK 138 SDA 31 BB6 67 GA6 103 VDDPCLK 139 VSSD 32 BB5 68 GA5 104 PNLCLK 140 VDDD 33 BB4 69 GA4 105 VSSXTL 141 PDEN 34 BB3 70 GA3 106 XIN 142 SBADR 35 BB2 71 GA2 107 XOUT 143 XFILRET 36 VSSQADC 72 VSSQADC 108 VDDXTL 144 EXTFIL |