| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1531 Fiches technique(PDF) 69 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1531 Fiches technique(HTML) 69 Page - Integrated Circuit Systems |
|
69 / 76 page ![]() Chapter 10 Timing Diagrams ICS1531 Rev N 12/1/99 December, 1999 69 Copyright © 1999, Integrated Circuit Systems, Inc. All rights reserved. ICS1531 Data Sheet - Preliminary 10.3.3 One-Pixel-per-Clock Mode Timing For 1-pixel-per-clock mode, Reg 30:6 must be set to ‘1’. Table 10-6 lists time measures for this mode, and Figure 10-5 shows timing characteristics. Note: For the 1-pixel-per-clock mode, the ‘B’ channel data outputs are always at ground level. Figure 10-7. AC Timing for 1-Pixel-per-Clock Mode Table 10-6. Timing for 1-Pixel-per-Clock Mode Time Period Timing Description Min Typ Max Units Tp, Td CLK Period, CLK Duty Cycle – See Table 10-3.– ns t1 ACDRCLK Period – t1 = Tp – ns t2 ADCRCLK Fall Time to ADCSYNC Rise Time – TBD –ns t3 Digital Data Transition 0 2.0 2.5 ns t3 P-5 P-4 P-1 P P+1 P+2 P-6 P+3 P+4 P+5 t2 P-3 P-2 P t1 Tp, Td ‘A’ Channel Digital Data Output CLK Analog Data In: ARED AGRN ABLUE ‘B’ Channel Digital Data Output ADCSYNC ADCRCLK |