| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS1522 Fiches technique(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1522 Fiches technique(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 13 page ![]() 9 ICS1522 Serial ProgrammingTiming Diagram NOTES: 1. R/Wn, READ=1 and WRITE=0 2. Address and data transmitted least significant bit first 3. 16 Positive-edge clocks required for complete data read/write (1-R/Wn, 3-Address, 11-Data, and 1 load data W/SELn HIGH) 4. SELn’s positive and negative transitions must occur on the same state of SCLK 5. An ICS1522 read consists of two consecutive cycles (1st cycle - SDATA is an input, 2nd cycle - SDATA is an output) |